PART |
Description |
Maker |
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
P89V51RD2BN P89V51RD2FA P89V51RD2FBC |
8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
|
NXP Semiconductors
|
P89LV51RD2 P89LV51RD2BA P89LV51RD2BBC P89LV51RD2BN |
8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
|
PHILIPS[Philips Semiconductors]
|
P80C31 80C51 P80C51 P80C31UBAA P80C51UBAA P80C31UF |
WIRE STRIPPER, AUTOMATICWIRE STRIPPER, AUTOMATIC; Stripping Capacity:4mm2; Weight:120g MIXER, PLASTER 600GMIXER, PLASTER 600G; Length:620mm; Material:Nickel plated steel ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89CV51RD2FA512 P89CV51RB209 P89CV51RC2FBC557 P89C |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT187; Container: Tube Dry Pack 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT376; Container: Tray Dry Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
80C38X2 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz
|
Philips
|
P83C654X2FA |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V.
|
P87C54 TLE2024 P87C51FA P80C58SBAA P80C58SFAA P80C |
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz) 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
P89LPC921 P89LPC921FDH P89LPC920 P89LPC920FDH P89L |
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
|
PHILIPS[Philips Semiconductors]
|
CR05AS-8-ET24 CR05AS-8 CR05AS-8-ET14 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs, SOT361-1 (TSSOP28), Reel Dry Pack, SMD, 13" Thyristor Low Power Use 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM, SOT117-1 (DIP28), Tube 8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs, SOT361-1 (TSSOP28), Reel Dry Pack, SMD, 13" Smartcard RTC; ultra low power oscillator with integrated counter for initiating one time password generation, Uncased die, Circuit Element Packed On Reel 7" Smartcard RTC; ultra low power oscillator with integrated counter for initiating one time password generation, Uncased die, Circuit Element Packed On Reel 7"
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
P89CV51RD2 P89CV51RD2FA P89CV51RD2FBC P89CV51RC2 P |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
|
NXP Semiconductors
|